Part Number Hot Search : 
TXN1004 TDA5950X AER403D DA221 20200CT TC58V TCA205 SK33B
Product Description
Full Text Search
 

To Download 00200900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  00200800 & 00201500 connectors 7 and 13-pole adr cables ? polyurethane sheath material specifcations overview voltage: 12v/24v standards: iso 4041 iso 6722 web resources download technical resources at: littelfuse.com/connectors description adr cable resist uv-ray and low temperatures, as well as being resistant to oil, weathering and chemicals thanks to the pur sheathing. in addition they provide for higher resistance against wear, abrasion, microbiotic attack and hydrolysis. the cables have been produced in accordance with the latest international standards iso 4041 and iso 6722.. features and benefts ? standards: conforms to iso 4041 & iso 6722 recommendations and standards. ? wire insulation and inner sheath: pvc ? sheath: pur ? min/max temperatures: -40c / +85c. ordering information part number material number and section of wires external diameter roll application 00200800 polyurethane 6x1 mm + 1x2 mm 9,8 mm 50 m 7 pole 00200900 500 m 00201400 polyurethane 3x2,5 mm + 10x1,5 mm 13,5 mm 50 m 13 pole 00201500 500 m 00200800-7 pole 00201400-13 pole 00200900-7 pole 00201500-13 pole ? 2017 littelfuse commercial vehicle products rev: 090117 littelfuse.com commercial vehicle product datasheet 1 of 1


▲Up To Search▲   

 
Price & Availability of 00200900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X